features low leakage high surge capability high current capability high temperature soldering guaranteed: at 5lbs. (2.3kg) tension. mechanical data case: transfer molded plastic epoxy: ul94v - 0 rate flame retardant polarity: color band denotes cathode end. lead: plated slug, solderable per mil - std 202 e method 208c mounting position: any weight: 0.012 ounce, 0.33grams (do-41) 0.014 ounce, 0.39 grams (do-15) maximum ratings and electrical characteristics ratings at 25 ambient temperature unless otherwise specified single phase, half wave, 60hz, resistive or inductive load. for capacitive load derate current by 20% symbols r1200 r1500 r1800 r200 0 r2500 r3000 r4000 r5000 unit maximum repetitive peak reverse voltage v rrm 1200 volts maximum rms voltage v rms 840 volts maximum dc blocking voltage v dc 1200 volts maximum average forward rectified current, 0.375" (9.5mm) lead length at t a = 50 peak forward surge current 8.3ms single half sine - wave superimposed on rated load (jedec method ) maximum instantaneous forward volts voltage drop at 0.5a / 0.2a maximum dc reverse current at rated t a = 25 dc blocking voltage t maximum full load reverse current, full cycle average 0.375" (9.5mm) lead length at t l = 75 operating and storage temperature range t j , t stg i r(av) 500 v f
voltage range 1200 to 5000 volts current 0.2 - 0.5 amperes 30 a
i fsm amps 260 /10 seconds. 0.375" (9.5mm) lead length ma high voltage silicon rectifier r1200 thru r5000 (-65 to +150)
i r i (av) www.yfwdiode.com
ratings and characteristic curves r1200 thru r5000 reverse voltage,(%) percent of rated peak 60 0 20 40 80 100 140 120 fig.3-typical reverse characteristics ambient temperature, ( c) 75 t =25 c instantaneous reverse current, 1.0 0.1 0.01 (ua) j 0 10 25 50 125 100 150 175 dertaing curve fig.1-typical forward current average forward current, 500 200 0 (ma) single phase falf wave 60 hz resistive or inductive r 12 00 - r 2000 lead length load 0.375"(9.5mm) r 2500 - r 5000 number of cycles at 60 hz 1 0 2 6 4 8 20 10 40 100 60 forward surge current fig.2-maximum non-repetitive peak 8.3ms single half sine-wave (jedec method) =t j 30 20 10 current, (a) peak forward surge 1 cycle t j max www.yfwdiode.com
|